Part Number Hot Search : 
BAS05 QL6325 PDSP1 97613 2SA1443 STV2246 MC33182D P1600
Product Description
Full Text Search
 

To Download 046746000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 / ts 35 en combination foot | modular feed-through terminals - 1 - general ordering data order no. 0467460000 part designation sak 4/en version feed-through terminal, 4 mm2, screw connection, polyamide, beige, ts 35 + ts 32 ean 4008190002749 qty. 100 pc(s). product notes note, technical data with twin ferrules zh 0.5 to zh 2.5, rated voltage is 690 v. pt okiecex/atex rating data eu-type examination certificate kema97atex1798u download, german kema97atex1798u_d.pdf download english kema97atex1798u_e.pdf iecex certificate of conformity iecexkem06.0014u atex voltage 690 v atex current 28 a atex conductor cross-section 4 mm2 iecex voltage 690 v iecex current 28 a iecex conductor cross-section 4 mm2 voltage when using cross-connections crossconnectionguide.pdf operating temperature range einsatztemperaturbereich siehe eg- baumusterprfbescheinigung/iecex-certificate of conformity marking en 60079-7 ex e ii marking atex directive 94/9/ec ex ii 2 g d additional technical data colour of insulating material beige connection direction on side end plate required yes explosion-tested version "ex e" yes installation advice ts 35 + ts 32 insulating material polyamide levels cross-connected internally no no. of identical terminals 1 no. of levels 1 no. of terminal strips per level 2
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 / ts 35 en combination foot | modular feed-through terminals - 2 - additional technical data open sides right operating temperature range - 50 c, + 100 c type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material v2 version feed-through terminal csa rating data min. cross-section (csa) awg 26 conductors for clamping (additional connection) min. conductor cross-section (ul) awg 12 max. conductor cross-section (ul) awg 22 min. conductor cross-section (csa) awg 10 max. conductor cross-section (csa) awg 26 flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 4 mm2 conductors for clamping (rated connection) clamping range, min. 0.13 mm2 clamping range, max. 6 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 12 mm clamping screw m 3 blade size 0.6 x 3.5 mm tightening torque range 0.5...1.0 nm torque level with dms electric screwdriver 2 gauge to iec 60947-1 a4 solid, min. 0.5 mm2 solid, max. 6 mm2 stranded, min. 0.5 mm2 stranded, max. 4 mm2 flexible, min. 0.5 mm2 flexible, max. 4 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 4 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.5 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 4 mm2 twin wire-end ferrule, min. 0.5 mm2 twin wire end ferrule, max. 2.5 mm2 awg conductor size, min. awg 26 awg conductor size, max. awg 10 awg conductor size, min. 0.13 mm2 awg conductor size, max. 5.26 mm2
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 / ts 35 en combination foot | modular feed-through terminals - 3 - dimensions width 6.5 mm height of lowest version 47.5 mm length 42 mm weight 11.73 g ts 32 offset 6 mm ts 35 offset 22.5 mm disconnect terminals torque level with dms electric screwdriver 2 rating data rated cross-section 4 mm2 rated voltage 800 v rated impulse voltage 8 kv rated current 32 a standards iec 60947-7-1 current with max. conductor 41 a pollution severity 3 ul rating data min. cross-section (ul) awg 22 max. cross-section (ul) awg 12 approvals approvals institutes classifications eclass 4.1 27-14-11-20 eclass 5.0 27-14-11-20 eclass 5.1 27-14-11-20 similar products order no. part designation version 1907040000 dk 4 q/en feed-through terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32 1907030000 dk 4 q/en bl feed-through terminal, 4 mm2, screw connection, pa 66, blue, ts 35 + ts 32 1907020000 dk 4 qv/en feed-through terminal, 4 mm2, screw connection, pa 66, beige, ts 35 + ts 32
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 / ts 35 en combination foot | modular feed-through terminals - 4 - 1784410000 sak 10/en bl feed-through terminal, 10 mm2, screw connection, pa 66, blue, ts 35 + ts 32 1772830000 sak 10/en or feed-through terminal, 10 mm2, screw connection, pa 66, ts 35 + ts 32 1773900000 sak 10/en sw feed-through terminal, 10 mm2, screw connection, pa 66, ts 35 + ts 32 0218660000 sak 2.5/en feed-through terminal, 2.5 mm2, screw connection, pa 66, beige, ts 35 + ts 32 0218680000 sak 2.5/en bl feed-through terminal, 2.5 mm2, screw connection, pa 66, blue, ts 35 + ts 32 0337660000 sak 10/en feed-through terminal, 10 mm2, screw connection, pa 66, beige, ts 35 + ts 32 1853960000 sak 10/en gr ral 7042 feed-through terminal, 10 mm2, screw connection, pa 66, ts 35 + ts 32 0339760000 sak 16/en feed-through terminal, 16 mm2, screw connection, pa 66, beige, ts 35 + ts 32 1784390000 sak 16/en bl feed-through terminal, 16 mm2, screw connection, pa 66, blue, ts 35 + ts 32 1880870000 sak 2.5/en rt feed-through terminal, 2.5 mm2, screw connection, pa 66, red, ts 35 + ts 32 1858440000 sak 2.5/en sw feed-through terminal, 2.5 mm2, screw connection, pa 66, black, ts 35 + ts 32 1858460000 sak 2.5/en ws feed-through terminal, 2.5 mm2, screw connection, pa 66, white, ts 35 + ts 32 0467480000 sak 4/en bl feed-through terminal, 4 mm2, screw connection, polyamide, blue/ light blue, ts 35 + ts 32 0339860000 sak 35/en feed-through terminal, 35 mm2, screw connection, pa 66, beige, ts 35 + ts 32 1784400000 sak 35/en bl feed-through terminal, 35 mm2, screw connection, pa 66, blue, ts 35 + ts 32 9130990000 sak 4/en br feed-through terminal, 4 mm2, screw connection, polyamide, brown, ts 35 + ts 32 9129930000 sak 4/en ge feed-through terminal, 4 mm2, screw connection, polyamide, yellow, ts 35 + ts 32 9129950000 sak 4/en gn feed-through terminal, 4 mm2, screw connection, polyamide, green, ts 35 + ts 32 9129960000 sak 4/en gr feed-through terminal, 4 mm2, screw connection, polyamide, grey, ts 35 + ts 32 1853950000 sak 4/en gr 7042 feed-through terminal, 4 mm2, screw connection, polyamide, grey, ts 35 + ts 32 0467400000 sak 4/en or feed-through terminal, 4 mm2, screw connection, polyamide, orange, ts 35 + ts 32 9129920000 sak 4/en rt feed-through terminal, 4 mm2, screw connection, polyamide, red, ts 35 + ts 32 9130980000 sak 4/en sw feed-through terminal, 4 mm2, screw connection, polyamide, black, ts 35 + ts 32 1773340000 sak 4/en ws feed-through terminal, 4 mm2, screw connection, polyamide, white, ts 35 + ts 32 0212860000 sak 6/en feed-through terminal, 6 mm2, screw connection, pa 66, beige, ts 35 + ts 32 0212880000 sak 6/en bl feed-through terminal, 6 mm2, screw connection, pa 66, blue, ts 35 + ts 32
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 32 / ts 35 en combination foot | modular feed-through terminals - 5 - 1772820000 sak 6/en ge feed-through terminal, 6 mm2, screw connection, pa 66, ts 35 + ts 32 1772810000 sak 6/en or feed-through terminal, 6 mm2, screw connection, pa 66, ts 35 + ts 32 0212840000 sak 6/en rt feed-through terminal, 6 mm2, screw connection, pa 66, ts 35 + ts 32 0212810000 sak 6/en sw feed-through terminal, 6 mm2, screw connection, pa 66, ts 35 + ts 32 1773350000 sak 6/en ws feed-through terminal, 6 mm2, screw connection, pa 66, white, ts 35 + ts 32


▲Up To Search▲   

 
Price & Availability of 046746000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X